Part Number Hot Search : 
IMB7A HD641 MKT469 TIPC500P 24NAB126 TB0796A 322BS1 4066B
Product Description
Full Text Search
 

To Download HV2512CF1008M350S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRHV
Vishay Techno
High Voltage Chip Resistors
FEATURES
* * * * * * * * * High voltage up to 3000 volts. Outstanding stability < 0.5%. Flow solderable. Custom sizes available. Automatic placement capability. Top and wraparound terminations. Tape and reel packaging available. Internationally standardized sizes. Nickel barrier available.
STANDARD ELECTRICAL SPECIFICATIONS
RESISTANCE RANGE* (Ohms) 2M - 8G 4M - 10G 6M - 35G 10M - 40G 12M - 50G POWER RATING* (MW) 300 450 500 600 700 VOLTAGE RATING (V) (Max.) 1500 1750 2000 2500 3000
ELECTRICAL SPECIFICATIONS
Resistance Range: 2 Megohms to 50 Gigohms. Resistance Tolerance: 1%, 2%, 5%, 10%, 20%. Temperature Coefficient: 100ppm/C. (- 55C to + 150C) Voltage Rating: 1500V - 3000V. Short Time Overload: Less than 0.5% R.
MODEL* CRHV1206 CRHV1210 CRHV2010 CRHV2510 CRHV2512
MECHANICAL SPECIFICATIONS
Construction: 96% alumina substrate with proprietary cermet resistance element and specified termination material.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55C to + 150C Life: Less than 0.5% change when tested at full rated power.
*For non-standard sizes, lower values or higher power rating requirement, contact factory at 904-923-3313.
VOLTAGE COEFFICIENT OF RESISTANCE CHART
SIZE CRHV1206 CRHV1210 CRHV2010 CRHV2510 CRHV2512 VALUE (Ohms) 2M - 199M 4M - 200M 6M - 99M 100M - 1G 10M - 99M 100M - 1G 12M - 999M 1G - 5G VCR (PPM/V) 25 25 10 20 10 15 10 25 FURTHER INSTRUCTIONS Values over 200M, consult factory. Values over 200M, consult factory. Values over 1G, consult factory. Values over 1G, consult factory. Values over 5G, consult factory.
DIMENSIONS in inches [millimeters]
Termination Style A (3-sided wraparound)
W L T .025 [.635] Max.
MODEL CRHV1206 CRHV1210 CRHV2010 CRHV2510 CRHV2512 Termination Style C (5-sided wraparound)
W
0.006 [0.152]
0.125 0.125 0.200 0.250 0.250
LENGTH (L)
0.006 [0.152]
0.063 0.100 0.100 0.100 0.126
WIDTH (W)
THICKNESS (T) 0.002 [0.051] 0.025 0.025 0.025 0.025 0.025
Termination Style B (Top conductor only)
L T .025 [.635] Max.
W L T .025 [.635] Max.
www.vishay.com 4
Document Number 68002 Revision 12-Feb-03
CRHV
High Voltage Chip Resistors
DERATING CURVE
120
Vishay Techno
% OF RATED POWER
100 80 60 40 20 0 20 50 70 100 AMBIENT TEMP. DEG. CENTIGRADE 150
ORDERING INFORMATION
HV MODEL 2512 SIZE A TERMINATION STYLE A = 3 sided B = Top only C = 5 sided A TERMINATION MATERIAL A = Palladium Silver B = Platinum Gold C = Gold D = Platinum Silver E = Palladium Gold F = Nickel Barrier 1008 VALUE The first 3 digits are significant figures. Last digit specifies the number of zeros to follow. Example: 1008 = 10 Gigohms. F TOLERANCE F = 1% G= 2% J = 5% K = 10% M = 20% 100 TCR 100 = 100ppm/C 150 = 150ppm/C 200 = 200ppm/C 350 = 350ppm/C S2 SOLDER TERMINATION S2 = Sn62
Document Number 68002 Revision 12-Feb-03
www.vishay.com 5


▲Up To Search▲   

 
Price & Availability of HV2512CF1008M350S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X